Part Number Hot Search : 
MAS281 EL7104 NJM2524 22400 MX29LV MX29LV 12E629 PMB2728
Product Description
Full Text Search
 

To Download MP3205DJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TM
EV3205DJ-00A
1.3MHz Fixed Frequency 5 White LED Driver
EVALUATION BOARD
The Future of Analog IC Technology
TM
GENERAL DESCRIPTION
The MP3205 is a step-up converter designed for driving up to 5 series white LEDs from a single cell Lithium Ion battery. The MP3205 uses current mode, fixed frequency architecture to regulate the LED current, which is measured through an external current sense resistor. Its low 104mV feedback voltage reduces power loss and improves efficiency. The MP3205 includes under-voltage lockout, current limiting and thermal overload protection preventing damage in the event of an output overload. The MP3205 is available in a small 5-pin TSOT23 package.
FEATURES
* * * * * * * * * * * * On Board Power MOSFET Drives Up to 5 Series White LEDs Up to 87% Efficiency Over 1MHz Fixed Switching Frequency Low 104mV Feedback Voltage Soft-Start/PWM Dimming UVLO, Thermal Shutdown Internal Current Limit Cell Phones Handheld Computers and PDAs Digital Still Cameras Small LCD Displays Application
APPLICATIONS
ELECTRICAL SPECIFICATION
Parameter Input Voltage Number of WLEDs Symbol VIN Value 2.5 to 6 5 Units V
"MPS" and "The Future of Analog IC Technology" are Trademarks of Monolithic Power Systems, Inc.
EV3205DJ-00A EVALUATION BOARD
Efficiency vs LED Current
88 87 86 85 84 83 82 81 80 79 78 77 4 LEDs
EFFICIENCY (%)
5 LEDs
3 LEDs VIN=3.6V 5 10 15 LED CURRENT (mA) 20
MP3205-EC01
Dimensions (1.9"X x 1.8"Y x 0.4"Z) Board Number EV3205DJ-00A
EV3205DJ-00A Rev. 1.1 7/13/2005
MPS IC Number MP3205DJ
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2005 MPS. All Rights Reserved.
1
TM
EV3205DJ-00A - 1.3MHz FIXED FREQUENCY 5 WHITE LED DRIVER EVALUATION BOARD
EVALUATION BOARD SCHEMATIC
VIN D1 B0530WS-7 30V 500mA LED1 LED2 LED3 U1
IN SW
LED4 LED5
OFF ON
EN
MP3205
FB GND
EV3205_S01
EV3205DJ-00A BILL OF MATERIALS
Qty 1 1 1 1 Ref C1 C2 D1 L1 LED1, LED2, LED3, LED4, LED5 R1 R2 U1 5.1 22H Value 2.2F Description Ceramic Capacitor, 10V, X5R Diode Schottky, 30V, 0.5A Inductor, 330mA Package 0805 0805 SOD-323 D31FB Manufacturer TDK TDK Diodes Inc. Toko Manufacturer P/N C2012X5R1A225K C2012X7R1E224K B0530WS-7 984FB-220M
0.22F Ceramic Capacitor, 25V, X7R
5
Not Stuffed
1 1 1
100k Film Resistor, 5% Film Resistor, 1% Fixed Frequency, White Led Driver
0805 0805 TSOT23-5
Panasonic Panasonic MPS
ERJ-6GEYJ104V ERJ-6GEYJ5R1V MP3205DJ
EV3205DJ-00A Rev. 1.1 7/13/2005
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2005 MPS. All Rights Reserved.
2
TM
EV3205DJ-00A - 1.3MHz FIXED FREQUENCY 5 WHITE LED DRIVER EVALUATION BOARD
PRINTED CIRCUIT BOARD LAYOUT
Figure 1--Top Silk Layer
Figure 2--Top Layer
QUICK START GUIDE
1. Solder LED1 through LED5 to the board. 2. Connect the positive and negative terminals of power supply (2.5V to 6V) to VIN and GND pins, respectively. 3. Drive EN high to turn on the MP3205; low to shut it down. 4. To use burst-mode brightness control, drive EN with a PWM signal.
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications. Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume any legal responsibility for any said applications.
EV3205DJ-00A Rev. 1.1 7/13/2005 www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2005 MPS. All Rights Reserved.
3


▲Up To Search▲   

 
Price & Availability of MP3205DJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X